Part Number Hot Search : 
100R2 PCF85 7905T ON2848 M38025E6 IDT74F S12864 SM735K
Product Description
Full Text Search
 

To Download EPC3229G-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Voltage Flyback Transformer
ELECTRONICS INC.
EPC3229G-X
* Used as Flyback Transformer in High Voltage Capacitor Charger * Designed for use with Linear Technology Chip * Operating Temperature : -40C to +85C * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * Very Low Core Loss
Electrical Parameters @ 25 C
PCA Part Number
Primary Peak Current (A)
Turns Ratio Pri:Sec
Primary OCL (H 25%) @ 0Adc @ 100 KHz, 0.1 Vrms 12.3 12.3 12.3 7.86 7.86
Leakage Inductance (H Max.) @ 100 KHz, 0.1 Vrms .200 .200 .700 .200 .200
DCR ( Max.) Pri. .300 .300 .300 .300 .300 Sec. 50 75 56 50 75
Isolation
Pri. to Sec. 1200 Vdc or 850 Vrms 1200 Vdc or 850 Vrms 1500 Vrms 1200 Vdc or 850 Vrms 1200 Vdc or 850 Vrms
EPC3229G-1 EPC3229G-2 EPC3229G-3 EPC3229G-4 EPC3229G-5
1.4 1.4 1.4 1-2 1-2
1:18 1:30 1:20 1:18 1:30
Schematic
Pri. 1
V In : 5.0 V
T1
Sec. 4 3
2
Package
.350 (8.90)
1
Recommended Layout
4
Pin 1 I.D. Marking : PCA EPC3229G-X D.C.
.350 (8.90)
2 3
.422 (10.72) .277 (7.04)
.205 Max. (5.20)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3229G-X Rev. 2 4/19/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3229G-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X